Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download T492D105M035DS4252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM CHIP CAPACITORS
T492 SERIES - Style CWR11 Per Mil-PRF-55365/8
* * * * * * *
Established reliability military version of Industrial Grade T491 series Taped and reeled per EIA 481-1 Precision-molded, laser-marked case Symmetrical, compliant terminations 100% Surge Current test available for all case sizes Operating Temperature: -55C to + 125C
CATHODE (-) END VIEW W SIDE VIEW
Qualified to MIL-PRF-55365/8, Style CWR11: - Termination Options B, C, H, K - Weibull failure rate codes B, C and D - Capacitance values and voltages as shown in following part number table. (Contact KEMET for latest qualification status)
T492 OUTLINE DRAWINGS
B B ANODE (+) END VIEW
BOTTOM VIEW
H K X S T G S R P
Termination cutout at KEMETs Option, either end
E A L
F
DIMENSIONS - Millimeters (Inches)
Case Size
KEMET A B C D EIA 3216-18 3528-21 6032-28 7343-31 L* 3.2 0.2 (.126 .008) 3.5 0.2 (.138 .008) 6.0 0.3 .236 .012 7.3 0.3 (.287 .012) W* 1.6 0.2 (.063 .008) 2.8 0.2 (.110 .008) 3.2 0.3 (.126 .012) 4.3 0.3 (.169 .012) H* 1.6 0.2 (.063 .008) 1.9 0.2 (.075 .008) 2.5 0.3 (.098 .012) 2.8 0.3 (.110 .012) K* 0.20 F* 0.1
(.008) (.004)
Component
S* 0.3
(.012)
B 0.15 (Ref) .006 0.4 (.016) 0.4 (.016) 0.5 (.020) 0.5 (.020)
X (Ref)
P (Ref)
R (Ref)
T (Ref) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005)
A (Min)
G (Ref)
E (Ref)
0.9 (.035) 1.1 (.043) 1.4 (.055) 1.5 (.059)
1.2 (.047) 2.2 (.087) 2.2 (.087) 2.4 (.094)
0.8 (.031) 0.8 (.031) 1.3 (.051) 1.3 (.051)
0.10 0.10 0.4 0.4 (.004 .004) (.016) (.016) 0.10 0.10 0.5 1.0 (.004 .004) (.020) (.039) 0.10 0.10 0.9 1.0 (.004 .004) (.035) (.039) 0.10 0.10 0.9 1.0 (.004 .004) (.035) (.039)
1.4 1.1 1.3 (.055) (.043) (.051) 2.1 1.8 2.2 (.083) (.071) (.087) 3.1 2.8 2.4 (.122) (.110) (.094) 3.8 3.5 3.5 (.150) (.138) (.138)
Notes: 1. Metric dimensions govern 2. (Ref) Dimensions provided for reference only * Mil-PRF-55365/8 Specified Dimensions
ORDERING INFORMATION -- MIL-PRF-55365 Part Number
CWR11
Style
Capacitors, Chip, Fixed Tantalum Established Reliability, (encapsulated)
M
H
105
K
B
A
Surge Current Option
A = +25C after Weibull B = -55C +85C after Weibull C = -55, & +85C before Weibull Z = None
Voltage
D = 6V J = 20V F = 10V K = 25V H = 15V M = 35V
Failure Rate Symbol
C = Hot Solder Dipped K = Solder Fused
B (0.1%/1000 hrs.) C (0.01%/1000 hrs.) D (0.001%/1000 hrs.) #Exponential: M (1.0%/1000 hrs.) # Inactive for P (0.1%/1000 hrs.) New Design R (0.01%/1000 hrs.) S (0.001%/1000 hrs.) Weibull:
Termination Finish Code
B = Gold Plated H = Solder Plated
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
Capacitance Tolerances
M = 10%; K = 10%; J = 5%
T492 SERIES ORDERING INFORMATION -- KEMET Part Number
T
Tantalum Series
T492 - Precision Molded, Style CWR11
492
B
105
K
035
B
S
4250
Surge Current Option
4250 = +25C after Weibull 4251 = -55 +85C after Weibull 4252 = -55, & +85C before Weibull
Case Size
A, B, C, D
Lead Material
B = Gold C = Hot Solder Dip H or S = Solder Plated K = Solder Fused
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
Capacitance Tolerances
M = 10%; K = 10%; J = 5%
Failure Rate Symbol
Weibull: B (0.1%/1000 hrs.); C (0.01%/1000 hrs.); D (0.001%/1000 hrs.) # Exponential: M (1.0%/1000 hrs.); P (0.1%/1000 hrs.), R (0.01%/1000 hrs.); S (0.001%/1000 hrs.) # Exponential not recommended for new design
Voltage
As shown
* Part Number Example: T492B105K035BS (14 digits - no spaces) * See www.kemet.com for Pb Free transition.
# Note on Failure Rates: Exponential failure rate levels M, P, R and S are inactive for new design per Mil-C-55365. Parts qualified to Weibull failure rate levels are substitutable for exponential failure rate levels.
20
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T492 SERIES--Style CWR11 Per Mil-PRF-55365/8 T492 (CWR11) RATINGS AND PART NUMBER REFERENCE
CapaciCapaci- Case tance tance Size Case FF Size ESR DC DCL DFDF % ESR C Leakage @ @@ +25C @ +25@ A % +25 C +25C A @ +25 C 120120 Hz 100kHz Hz +25C 100kHz Max Max Max Max Max Max 6 Volt Rating at +85C (4 Volt Rating at +125C) T492A155(1)006(2)(3)(4) CWR11D(6)155(1)(2)(5) 0.5 6.0 8.0 T492A225(1)006(2)(3)(4) CWR11D(6)225(1)(2)(5) 0.5 6.0 8.0 T492A335(1)006(2)(3)(4) CWR11D(6)335(1)(2)(5) 0.5 6.0 8.0 ESR DCL DF % T492B475(1)006(2)(3)(4) CWR11D(6)475(1)(2)(5) 0.5 6.0 5.5 KEMET Mil-C-55365/8 A @ @ +25C T492B685(1)006(2)(3)(4) CWR11D(6)685(1)(2)(5) 0.5 6.0 4.5 Part Number Part Number +25C 120 Hz T492B106(1)006(2)(3)(4) CWR11D(6)106(1)(2)(5) 0.6 6.0 3.5 Max Max T492C156(1)006(2)(3)(4) CWR11D(6)156(1)(2)(5) 0.9 6.0 3.0 T492C226(1)006(2)(3)(4) CWR11D(6)226(1)(2)(5) 1.4 6.0 2.2 T492D476(1)006(2)(3)(4) CWR11D(6)476(1)(2)(5) 2.8 6.0 1.1 10 Volt Rating at +85C (7 Volt Rating at 125C) T492A105(1)010(2)(3)(4) CWR11F(6)105(1)(2)(5) 0.5 4.0 10.0 T492A155(1)010(2)(3)(4) CWR11F(6)155(1)(2)(5) 0.5 6.0 8.0 T492A225(1)010(2)(3)(4) CWR11F(6)225(1)(2)(5) 0.5 6.0 8.0 T492B335(1)010(2)(3)(4) CWR11F(6)335(1)(2)(5) 0.5 6.0 5.5 T492B475(1)010(2)(3)(4) CWR11F(6)475(1)(2)(5) 0.5 6.0 4.5 T492B685(1)010(2)(3)(4) CWR11F(6)685(1)(2)(5) 0.7 6.0 3.5 T492C156(1)010(2)(3)(4) CWR11F(6)156(1)(2)(5) 1.5 6.0 2.5 T492D336(1)010(2)(3)(4) CWR11F(6)336(1)(2)(5) 3.3 6.0 1.1 15 Volt Rating at +85C (10 Volt Rating at +125C) T492A684(1)015(2)(3)(4) CWR11H(6)684(1)(2)(5) 0.5 4.0 12.0 T492A105(1)015(2)(3)(4) CWR11H(6)105(1)(2)(5) 0.5 4.0 10.0 T492A155(1)015(2)(3)(4) CWR11H(6)155(1)(2)(5) 0.5 6.0 8.0 T492B225(1)015(2)(3)(4) CWR11H(6)225(1)(2)(5) 0.5 6.0 5.5 T492B335(1)015(2)(3)(4) CWR11H(6)335(1)(2)(5) 0.5 6.0 5.0 T492B475(1)015(2)(3)(4) CWR11H(6)475(1)(2)(5) 0.7 6.0 4.0 T492C106(1)015(2)(3)(4) CWR11H(6)106(1)(2)(5) 1.6 6.0 2.5 T492D226(1)015(2)(3)(4) CWR11H(6)226(1)(2)(5) 3.3 6.0 1.1 20 Volt Rating at +85C (13 Volt Rating at +125C) T492A474(1)020(2)(3)(4) CWR11J(6)474(1)(2)(5) 0.5 4.0 14.0 T492A684(1)020(2)(3)(4) CWR11J(6)684(1)(2)(5) 0.5 4.0 12.0 T492A105(1)020(2)(3)(4) CWR11J(6)105(1)(2)(5) 0.5 4.0 10.0 T492B155(1)020(2)(3)(4) CWR11J(6)155(1)(2)(5) 0.5 6.0 6.0 T492B225(1)020(2)(3)(4) CWR11J(6)225(1)(2)(5) 0.5 6.0 5.0 T492B335(1)020(2)(3)(4) CWR11J(6)335(1)(2)(5) 0.7 6.0 4.0 T492C475(1)020(2)(3)(4) CWR11J(6)475(1)(2)(5) 1.0 6.0 3.0 T492C685(1)020(2)(3)(4) CWR11J(6)685(1)(2)(5) 1.4 6.0 2.4 T492D156(1)020(2)(3)(4) CWR11J(6)156(1)(2)(5) 3.0 6.0 1.1 25 Volt Rating at +85C (17 Volt Rating at +125C) T492A334(1)025(2)(3)(4) CWR11K(6)334(1)(2)(5) 0.5 4.0 15.0 T492A474(1)025(2)(3)(4) CWR11K(6)474(1)(2)(5) 0.5 4.0 14.0 T492B684(1)025(2)(3)(4) CWR11K(6)684(1)(2)(5) 0.5 4.0 7.5 T492B105(1)025(2)(3)(4) CWR11K(6)105(1)(2)(5) 0.5 4.0 6.5 T492B155(1)025(2)(3)(4) CWR11K(6)155(1)(2)(5) 0.5 6.0 6.5 T492C225(1)025(2)(3)(4) CWR11K(6)225(1)(2)(5) 0.6 6.0 3.5 T492C335(1)025(2)(3)(4) CWR11K(6)335(1)(2)(5) 0.9 6.0 3.5 T492C475(1)025(2)(3)(4) CWR11K(6)475(1)(2)(5) 1.2 6.0 2.5 T492D685(1)025(2)(3)(4) CWR11K(6)685(1)(2)(5) 1.7 6.0 1.4 T492D106(1)025(2)(3)(4) CWR11K(6)106(1)(2)(5) 2.5 6.0 1.2 35 Volt Rating at +85C (23 Volt Rating at +125C) T492A104(1)035(2)(3)(4) CWR11M(6)104(1)(2)(5) 0.5 4.0 24.0 T492A154(1)035(2)(3)(4) CWR11M(6)154(1)(2)(5) 0.5 4.0 21.0 T492A224(1)035(2)(3)(4) CWR11M(6)224(1)(2)(5) 0.5 4.0 18.0 T492A334(1)035(2)(3)(4) CWR11M(6)334(1)(2)(5) 0.5 4.0 15.0 T492B474(1)035(2)(3)(4) CWR11M(6)474(1)(2)(5) 0.5 4.0 10.0 T492B684(1)035(2)(3)(4) CWR11M(6)684(1)(2)(5) 0.5 4.0 8.0 T492B105(1)035(2)(3)(4) CWR11M(6)105(1)(2)(5) 0.5 4.0 6.5 T492C155(1)035(2)(3)(4) CWR11M(6)155(1)(2)(5) 0.5 6.0 4.5 T492C225(1)035(2)(3)(4) CWR11M(6)225(1)(2)(5) 0.8 6.0 3.5 T492C335(1)035(2)(3)(4) CWR11M(6)335(1)(2)(5) 1.2 6.0 2.5 T492D475(1)035(2)(3)(4) CWR11M(6)475(1)(2)(5) 1.7 6.0 1.5 KEMET KEMET Part Number Part Number Mil-C-55365/8 Mil-C-55365/8 Part Number Part Number
1.5 A 2.2 A 3.3 A 4.7 B CapaciCase 6.8 B tance Size 10.0 B F 15.0 C 22.0 C 47.0 D 1.0 1.5 2.2 3.3 4.7 6.8 15.0 33.0 0.7 1.0 1.5 2.2 3.3 4.7 10.0 22.0 0.5 0.7 1.0 1.5 2.2 3.3 4.7 6.8 15.0 0.3 0.5 0.7 1.0 1.5 2.2 3.3 4.7 6.8 10.0 0.1 0.2 0.2 0.3 0.5 0.7 1.0 1.5 2.2 3.3 4.7 A A A B B B C D A A A B B B C D A A A B B B C C D A A B B B C C C D D A A A A B B B C C C D
PACKAGING
Note: T492 Packaging * No c-spec required for 7" reel packaging * C-7280 required for 13" reel packaging * Standard reel packaging is not mandatory * Bulk packaging also available using C-7610 See page 91 for tape and reel quantities.
CONSTRUCTION
Negative Termination* Molded Case Silver Adhesive Washer Polarity Stripe (+) Polarity Bevel (+) Tantalum Wire
Tantalum
(Ta2O5)
Weld
Mn02 Coat
(First Layer) (Second Layer)
Carbon
Silver Paint
(Third Layer)
Positive Termination
CAPACITOR MARKINGS
T492 Series -- All Case Sizes
Jan Brand
Rated Voltage
J 156 20K 513
Print Week Code:
1st Digit = Year 2nd & 3rd Digits = Week
Sn/Pb (5% Pb Polarity minimum) Indicator (+)
Picofarad Code KEMET I. D. Symbol
"513" = The 13th week of 2005
(1) To complete KEMET/CWR part number, insert M for 20%, K for 10% or J for 5% tolerance. (2) To complete KEMET/CWR part number, insert Failure Rate Symbol Weibull: B (0.1%/1000 Hrs.), C (0.01%/1000Hrs or D (0.001%/1000 Hrs.), Exponential: M (1.0%/1000 hrs.), P (0.1%/1000 hrs.), R (0.01%/1000 hrs.) or S (0.001%/1000 hrs.) (3) To complete KEMET part number, insert Termination Finish Designation B = Gold; C = Hot Solder Dipped; S = Solder Plated; K = Solder Fused. (4) To complete KEMET part number, insert 4250 = +25C after Weibull; 4251 = -55 + 85C after Weibull; or 4252 = -55, & +85C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25C after Weibull; B = -55 + 85C after Weibull; C = -55, & + 85C before Weibull or Z = None for Surge Current Option. (6) To complete CWR part numbers, insert B = Gold; C = Hot Solder Dipped; H or S = Solder Plated; K = Solder Fused
Note on Failure Rates: Exponential failure rate levels M, P, R and S are inactive for new design per MIL-C-55365. Parts qualified to Weibull failure rate levels are substitutable for exponential failure rate levels. Note: ESR limits are per Mil-C-55365/8
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
21
Solid Tantalum Surface Mount
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
Top Tape Thickness .10mm (.004") Max Thickness
8mm .30 8mm (0.315") (.315 .012") or or 12mm (0.472") 12mm .30 (.472 .012")
178mm (7.00") 180mm (7.0") oror 330mm (13.00") 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET EIA R 2012-12 S 3216-12 T 3528-12 U 6032-15 W 7343-15 V 7343-20 A 3216-18 B 3528-21 C 6032-28 D 7343-31 Y 7343-40 X 7343-43 E 7260-38 Tape Width-mm 8 8 8 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 2,500 2,500 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel* 10,000 10,000 10,000 5,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging. * Standard reel packaging is not mandatory. * Bulk packaging also available using C-7610.
92
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Packaging
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
1mm (0.039) Max.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
12 mm
330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
95
Packaging


▲Up To Search▲   

 
Price & Availability of T492D105M035DS4252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X